Part Number Hot Search : 
B7749 S1200 ST2001H 2EMS8 RF201 F3048 2N36342 F9Z34
Product Description
Full Text Search
 

To Download FR10A07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
10 Amp MINIATURE PLASTIC SILICON RECTIFIERS
Mechanical Dimensions
JEDEC R6
.340 .360 .340 .360 1.00 Min.
FR10A01 . . . 07 Series
Description
.050 typ.
Features
n LOW COST n LOW LEAKAGE n DIFFUSED JUNCTION n MEETS UL SPECIFICATION 94V-0
FR10A01 . . . 07 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 60C (Note 3) Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Operating & Storage Temperature Range...TJ, TSTRG Electrical Characteristics Maximum Forward Voltage @ 10A...VF Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage Maximum Full Load Reverse Current...IR Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJA (Note 2) Page 9-18 25C 100C ............................................. 1.0 ............................................... FR10A01 FR10A02 FR10A03 FR10A04 FR10A05 FR10A06 FR10A07 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps C
............................................. 10 ............................................... ............................................. 600 ............................................... ........................................ -65 to 175 .........................................
Volts
............................................. 1 0 ............................................... Amps ............................................. 100 ............................................... Amps ............................................. 25 ............................................... Amps ............................................. 100 ............................................... ............................................. 1 0 ............................................... pF C / W
Data Sheet
10 Amp MINIATURE PLASTIC SILICON RECTIFIERS
Typical Thermal Resistance vs. Lead Length Thermal Resistance (oC/Watt)
Lead Length (Inches) Typical Forward Characteristics Typical Reverse Characteristics
Forward Voltage (V)
Reverse Current (A)
Forward Current (A)
Percent of Peak Reverse Voltage Forward Current Derating Curve
Peak Forward Surge Current (A)
Maximim Non-Repetitive Surge Current Average Forward Current (A)
LL = Variation to PC Board
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load.
Number of Cycles @ 60Hz NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Ambient, Jedec Method. 3. .375", (9.5mm) lead lengths.
Ambient Temperature (C)
For Capacitive Load, Derate Current by 20%.
Page 9-19
FR10A01 . . . 07 Series


▲Up To Search▲   

 
Price & Availability of FR10A07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X